|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
savantic semiconductor product specification silicon pnp power transistors 2SA1694 description with to-3pn package complement to type 2sc4467 applications audio and general purpose pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -6 v i c collector current -8 a i b base current -3 a p c collector power dissipation t c =25 80 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1694 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ;i b =0 -120 v v cesat collector-emitter saturation voltage i c =-3a ;i b =-0.3a -1.5 v i cbo collector cut-off current v cb =-120v; i e =0 -10 a i ebo emitter cut-off current v eb =-6v; i c =0 -10 a h fe dc current gain i c =-3a ; v ce =-4v 50 180 c ob output capacitance i e =0 ; v cb =-10v,f=1mhz 300 pf f t transition frequency i c =-0.5a ; v ce =-12v 20 mhz switching times t on turn-on time 0.14 s t s storage time 1.40 s t f fall time i c =-4a;r l =10 b i b1 =- i b2 =-0.4a v cc =-40v 0.21 s h fe classifications o p y 50-100 70-140 90-180 savantic semiconductor product specification 3 silicon pnp power transistors 2SA1694 package outline fig.2 outline dimensions (unindicated tolerance: 0.1mm) savantic semiconductor product specification 4 silicon pnp power transistors 2SA1694 |
Price & Availability of 2SA1694 |